Part Number Hot Search : 
MEM511C SFAS802G SB01W05S 26101 TDA1037 TDA7294 UTR6440 BA6425FS
Product Description
Full Text Search
 

To Download 12000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  -- an electromotive solutions company ? 2800 a nvil s treet n orth s t . p etersburg , fl 33710 usa p hone : (727) 347-2181 fax: (727) 347-7520 the model 12000 is a diffused silicon based pressure sensor that is ideal for moderate accuracy pressure measurements in industrial and automotive environments. the diffused silicon technology provides 90mv output span and excellent linearity over its compensated temperature range. the silicon diaphragm and molded construction can withstand the harsh environments seen in industrial applications media compatibility is with all liquids and gasses compatible with silicon, stainless steel and epoxy resins. media does not contact any electrical circuitry. pneumatic controls hydraulic controls automotive sensing medical equipment robotics ? high overpressure capability ? wide compensated temperature range ? high pressure range capability ? excellent long-term stability ? low cost with moderate accuracy c ommercial g rade 90 m v dc o utput p ressure t ransducer model 12000
an electromotive solutions company iso 9001:2000 & as9100:2004 certified 2800 a nvil s treet n orth s t . p etersburg , fl 33710 usa p hone : (727) 347-2181 fax: (727) 3 47-7520 email: sales@vsensors.com model 12000 c ommerical g rade 90 m v dc o utput p ressure t ransducer p ressure c haracteristics units of measure pressure ranges (in 100psi increments) psig, & psis 0-25, 0-50, 0-100, 0-250psi proof pressure % of full scale pressure e lectrical c haracteristics units of measure accuracy (includes linearity, hyst erisis & repeatability) standard % of full scale output to 1.0% special order % of full scale output to 0.05%1 excitation vdc 12vdc ouput span mvdc 2% 90mvdc output balance standard % of full scale output 2% special order % of full scale output 1% common mode voltage vdc 5vdc resistance input resistance ohms nominal >10k ohm output resistance ohms, nominal 4k ohm t emperature c haracteristics units of measure temperature coefficient sensitivity standard % of full scale output/100 f 1.5% special order % of full scale output/100 f 1.0% balance standard % of full scale output/100 f 5% special order % of full scale output/100 f temperature range operating c -40 to 120 c compensated ?a? c 0 to 65 c compensated ?b? c 25 to 85 c 2%


▲Up To Search▲   

 
Price & Availability of 12000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X